PART |
Description |
Maker |
AD7416-7418 EVAL-AD7416EB AD7417BR-REEL7 AD7417ARU |
Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I<SUP>2</SUP>C, ±1°C Accuracy Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 10位数字温度传感器(I2C接口芯片AD7416)和四通道ADC(AD7417/AD7418 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
|
Analog Devices, Inc. http://
|
AD7416ARMZ-REEL AD7416ARMZ-REEL7 AD7418ARZ-REEL7 A |
DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, SQUARE, SURFACE MOUNT LEAD FREE, SOIC-8 PIN Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs 10-Bit Digital Temperature Sensor
|
Analog Devices, Inc.
|
LM75A LM75AD LM75AD.112 LM75AD112 |
Digital temperature sensor and thermal watchdog DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT Digital temperature sensor and thermal watchdog
|
NXP Semiconductors
|
EMC1063-1-ACZL-TR EMC1063-2-ACZL-TR EMC1063-4-ACZL |
1C Triple Temperature Sensor with Hotter of Two Zones 集成电路温度传感器的三双区域Hotter 1C Triple Temperature Sensor with Hotter of Two Zones DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, SQUARE, SURFACE MOUNT
|
SMSC, Corp.
|
FM75 FM75MM8X FM75M8 FM75M8X FM75MM8 |
Low-Voltage Digital I2C compatible Temp Sensor fro LM75 applications Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm
|
Fairchild Semiconductor Corporation
|
AD7417ARUZ |
Temperature Sensor: 4-Channel 10-Bit ADC with on-Chip Temperature to Digital Converter I
|
Analog Devices
|
TMP04FS-REEL |
Temperature Sensor: Serial Digital Output Thermometers CMOS/TTL Comp.; Package: SOIC; No of Pins: 8; Temperature Range: TBD
|
ANALOG DEVICES INC
|
TC650ACUA TC650ACV TC650ADUA TC651CGV TC650_04 TC6 |
DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1Cel, SQUARE, SURFACE MOUNT Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
|
STMICROELECTRONICS[STMicroelectronics] http://
|
AD7814ARTZ-REEL AD7814ART-REEL AD7814ARMZ AD7814AR |
DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3.50Cel, RECTANGULAR, SURFACE MOUNT LEAD FREE, MO-178AB, SOT-23, 6 PIN 10-Bit Digital Temperature Sensor in 6-Lead SOT-23 DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3.50Cel, SQUARE, SURFACE MOUNT
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ASC7512 |
DIGITAL TEMPERATURE SENSOR
|
Andigilog
|
CAT6095VP2GT |
Digital Output Temperature Sensor
|
ON Semiconductor
|
HTU21D-16 |
Digital Humidity and Temperature Sensor
|
TE Connectivity Ltd
|